Part Number Hot Search : 
2SC25 KRC246M SEMIC MLX90110 1SMC5374 HTC750 24L40 DTA123
Product Description
Full Text Search
 

To Download PTHXX060Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3/5/12 Vin Single Output
DC-DC CONVERTERS * * * * * * * * * * * Non-isolated DDR/QDR Memory Bus Termination Module NEW Product 1 VTT bus termination output (output the system VREF) 10 A output current 3.3 Vdc, 5 Vdc or 12 Vdc input voltage DDR and QDR compatible ON/OFF inhibit (for VTT standby) Under-voltage lockout Operating temperature range: -40 C to +85 C Efficiencies up to 91% Output overcurrent protection (non-latching, auto-reset) Point-of-Load-Alliance (POLA) compatible Available RoHS compliant
PTHXX060Y
The PTHXX060Y are a new series of non-isolated dc-dc converters designed specifically for bus termination in DDR and QDR memory applications. Operating from either a 3.3 Vdc, 5 Vdc or 12 Vdc input, the modules generate a VTT output that will source or sink up to 10 A of current to accurately track their VREF input. VTT is the required bus termination supply voltage, and VREF is the reference voltage for the memory and chipset bus receiver comparators. VREF is usually set to half the VDDQ power supply voltage. The PTHXX060Y series employs an actively switched synchronous rectifier output to provide state of the art stepdown switching conversion. The products are small in size and are an ideal choice where space, performance and high efficiency are desired.
All specifications are typical at nominal input, VREF = 1.25 V, full load at 25 C unless otherwise stated. Cin, Co1 and Co2 = typical value OUTPUT SPECIFICATIONS Output current (See Note 1) Tracking range for VREF Tracking tolerance to VREF (VTT - VREF) (over line, load and temperature) Ripple and noise Load transient response (See Note 4) Output capacitance: Non-ceramic values (See Notes 4 and 5) Ceramic values (See Note 4) (See Note 6) INPUT SPECIFICATIONS Input current Input voltage range No load PTH03060Y PTH05060Y PTH12060Y 10 mA 2.95-3.65 Vdc 4.5-5.5 Vdc 10.8-13.2 Vdc ENVIRONMENTAL SPECIFICATIONS Thermal performance (See Note 2) MSL (`Z' suffix only) PROTECTION Overcurrent threshold (auto reset) All models Operating ambient, temperature Non-operating 20 MHz bandwidth (over VREF range) 10 A 0.55-1.8 V -10 mV to +10 mV INPUT SPECIFICATIONS CONTD. Input capacitance (See Note 3) Remote ON/OFF GENERAL SPECIFICATIONS Efficiency (Io = 8 A) 20 mV pk-pk Insulation voltage Switching frequency PTH03060Y PTH05060Y PTH12060Y PTH03060Y PTH05060Y PTH12060Y
2 YEAR WARRANTY
SPECIFICATIONS
PTH03060Y and PTH05060Y PTH12060Y
330 F 560 F
Positive logic
86% typ. 86% typ. 83% typ. Non-isolated 550-650 kHz 550-650 kHz 200-300 kHz EN60950 UL/cUL60950 UL94V-0
30 s settling time Overshoot/undershoot 25 mV typ. PTH03060Y 470 F typ., 5,500 F max. PTH05060Y 470 F typ., 5,500 F max. PTH12060Y 940 F typ., 5,500 F max. PTH03060Y 200 F typ., 300 F max. PTH05060Y 200 F typ., 300 F max. PTH12060Y 400 F typ., 600 F max. ESR (non-ceramic) 4 m min
Approvals and standards Material flammability Dimensions Weight MTBF Telcordia SR-332 (L x W x H)
25.27 x 15.75 x 9.00 mm 0.995 x 0.620 x 0.354 in 3.7 g (0.13 oz) 6,000,000 hours
-40 C to +85 C -40 C to +125 C Level 3
Undervoltage lockout: PTH03060Y PTH05060Y PTH12060Y
Vin increasing 2.45 V typ., 2.80 V max. Vin decreasing 2.20 V min., 2.40 V typ. Vin Vin Vin Vin increasing 4.30 V typ., 4.45 V max. decreasing 3.40 V min., 3.70 V typ. increasing 9.5 V typ., 10.4 V max. decreasing 8.80 V min., 9.0 V typ.
JEDEC J-STD-020C
20 A typ.
File Name: PTHXX060Y.pdf Rev (02): 19 Dec 2005
3.3/5/12 Vin Single Output
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module NEW Product 2 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT POWER (MAX.) 18 W 18 W 18 W OUTPUT CURRENT (MIN.) 0A 0A 0A OUTPUT CURRENT (MAX.) 10 A 10 A 10 A
PTHXX060Y
VTT RANGE 0.55-1.8 Vdc 0.55-1.8 Vdc 0.55-1.8 Vdc
INPUT VOLTAGE 2.95-3.65 Vdc 4.50-5.50 Vdc 10.8-13.2 Vdc
EFFICIENCY (TYP.) 86% 86% 83%
MODEL NUMBER (8,9) PTH03060Y PTH05060Y PTH12060Y
Part Number System with Options
PTH05060YAST
Packaging Options No Suffix = Trays T = Tape and Reel (7) Mounting Option (8) D = Horizontal Through-Hole (Matte Sn) H = Horizontal Through-Hole (Sn/Pb) S = Surface-Mount (63/37 Sn/Pb pin solder material) Z = Surface-Mount (96.5/3.0/0.5 Sn/Ag/Cu pin solder material) Pin Option A = Through-Hole Std. Pin Length (0.140") A = Surface-Mount Tin/Lead Solder Ball Output Voltage Code Y = DDR Module
Product Family Point of Load Alliance Compatible Input Voltage 03 = 3.3 V, 05 = 5 V and 12 = 12 V Output Current 06 = 10 A Mechanical Package Always 0
Notes
1 Rating is conditional on the module being soldered to a 4 layer PCB with 1 oz. copper. See the SOA curves or contact the factory for appropriate derating. This control pin has an internal pull-up to the input voltage Vin. If it is left open-circuit the module will operate when input power is applied. A small low-leakage (<100 nA) MOSFET is recommended for control. For further information, consult Application Note 179. An input capacitor is required for proper operation. The capacitor must be rated for a minimum of 500 mA rms (1000 mA for 12 V input) of ripple current. For further information, consult Application Note 179 on capacitor selection. The typical value of external output capacitance value ensures that VTT meets the specified transient performance requirements for the memory bus terminations. Lower values of capacitance may be possible when the measured peak change in output current is consistently less than 3 A. Test conditions were 15 A/s load step, -1.5 A to +1.5 A. 5 6 This is the calculated maximum. The minimum ESR limitation will often result in a lower value. Consult Application Note 179 for further details. This is the typcial ESR for all the electrolytic (non-ceramic) output capacitance. Use 7 m as the minimum when using max-ESR values to calculate. Tape and reel packaging only available on the surface-mount versions. To order Pb-free (RoHS compatible) surface-mount parts replace the mounting option `S' with `Z', e.g. PTHXX060YAZ. To order Pb-free (RoHS compatible) through-hole parts replace the mounting option `H' with `D', e.g. PTHXX060YAD. NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative.
2
7 8
3
9
4
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950 File No. E174104 TUV Product Service (EN60950) Certificate No. B 04 06 38572 044 CB Report and Certificate to IEC60950, Certificate No. US/8292/UL
File Name: PTHXX060Y.pdf Rev (02): 19 Dec 2005
3.3/5/12 Vin Single Output
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module NEW Product 3 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
PTHXX060Y
12
14
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
10 8 6 4 2 0 0 10 20 30 40 50 60 70 80 Nat conv 100 LFM 200 LFM
10 8 6 4 2 0 0 10 20 30 40 50 60 70 80 Nat conv 100 LFM 200 LFM
AMBIENT TEMPERATURE (C)
Figure 1 - Safe Operating Area Vin = 5.0 V, VREF = 1.25 V, Iout = 10 A (See Note A)
AMBIENT TEMPERATURE (C)
Figure 2 - Safe Operating Area Vin = 12 V, VREF = 1.25 V, Iout = 10 A (See Note A)
Vin
100 90
EFFICIENCY (%)
VDDQ 1k 1% 1k 1% 10 9 1 8 7
VREF
Vtt
PTHXX060Y (Top View)
2 34 5
6
80 70 60 50 0 2 4 6 8 10
Vin 3.3V 5.0V 12.0V
Con hf-Ceramic
Cin (Required)
+
Co1 Low-ESR (Required)
Vtt Termination Island
+
Co2 Ceramic (Optional)
Standby GND
Q1 BSS138 (Optional)
SSTL-2 Data/ Address/ Bus
OUTPUT CURRENT (A)
Figure 3 - Efficiency vs Load Current VREF = 1.25 V (See Note B) Figure 4 - Standard Application
Notes
A The SOA curves represent the conditions at which internal components are within the Artesyn derating guidelines. B Characteristic data has been developed from actual products tested at 25 C. This data is considered typical data for the converter.
File Name: PTHXX060Y.pdf Rev (02): 19 Dec 2005
3.3/5/12 Vin Single Output
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module NEW Product 4 For the most current data and application support visit www.artesyn.com/powergroup/products.htm
PTHXX060Y
0.995 (25.27) 0.125 (3.18) 0.125 (3.18) 0.060 (1.52) 1 0.375 (9.52) 10 9 8 0.250 (6.35) 7
0.140 (3.55) 0.060 (1.52)
o0.040 (1.02) 5 Places.
0.620 0.500 (12.70) (15.75)
0.070 (1.78) (Standoff Shoulder)
2
3
4 TOP VIEW
5
6
Lowest Component 0.010 min. (0.25) Bottom side Clearance
PIN CONNECTIONS PIN NO. FUNCTION Ground Vin Inhibit* N/C Vo sense VTT Ground VREF N/C N/C
Host Board 0.354 (9.00) MAX. SIDE VIEW
1 2 3 4 5 6 7 8 9
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25)
Figure 5 - Plated Through-Hole Mechanical Drawing
0.995 (25.27) 0.125 (3.18) 0.125 (3.18) 0.375 (9.52) 1 10 9 8
*After solder reflow on customer board
10
0.060 (1.52)
0.354 (9.00) max.*
0.060 (1.52)
0.250 (6.35) 7
*Denotes negative logic: Open = Normal operation Ground = Function active
0.500 0.620 (12.70) (15.75)
Solder Ball o0.040 (1.02) 10 Places
Lowest Component 0.010 min. (0.25) Bottom side Clearance
2
3
4
5
6 SIDE VIEW
Host Board
TOP VIEW
Dimensions in Inches (mm) Tolerances (unless otherwise specified) 2 Places 0.030 (0.76) 3 Places 0.010 (0.25)
Figure 6 - Surface-Mount Mechanical Drawing
Datasheet (c) Artesyn Technologies(R) 2005 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: Application Note
www.artesyn.com
File Name:


▲Up To Search▲   

 
Price & Availability of PTHXX060Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X